PART |
Description |
Maker |
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
TV06RW19-88SCS15 TV07RW19-88SCS25 TV07RW19-88SCS1 |
88 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG 88 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE 187 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE 151 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE 55 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE
|
Amphenol, Corp. AMPHENOL CORP
|
10-244814-9L 10-244812-3M 10-244812-3J |
2 CONTACT(S), ALUMINUM, FEMALE, MIL SERIES CONNECTOR, PLUG 2 CONTACT(S), ALUMINUM, MALE, MIL SERIES CONNECTOR, PLUG
|
AMPHENOL CORP
|
MR0028A51PX28F150 MR0028A51PX3F150 MR0128A51PX28F1 |
43 CONTACT(S), ALUMINUM, MALE, MIL SERIES CONNECTOR, SOLDER, RECEPTACLE 43 CONTACT(S), ALUMINUM, MALE, MIL SERIES CONNECTOR, SOLDER, PLUG 43 CONTACT(S), ALUMINUM, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG 11 CONTACT(S), ALUMINUM, MALE, MIL SERIES CONNECTOR, SOLDER, PLUG 13 CONTACT(S), ALUMINUM, MALE, MIL SERIES CONNECTOR, SOLDER, RECEPTACLE 18 CONTACT(S), ALUMINUM, MALE, MIL SERIES CONNECTOR, SOLDER, RECEPTACLE 4 CONTACT(S), ALUMINUM, MALE, MIL SERIES CONNECTOR, SOLDER, RECEPTACLE
|
ITT Interconnect Solutions ITT CANNON
|
8LT215F97AB 8LT215B97AB 8LT525F46AA 8LT517B06BD 8L |
12 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE 46 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG 6 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG 100 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE 100 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE 5 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG 128 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE 128 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE 19 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, RECEPTACLE 21 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
|
Souriau Connection Technology SOURIAU INC
|
M83723/68G18314 AE83368G18314 AE83368R10207 AE8336 |
31 CONTACT(S), STAINLESS STEEL, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG 2 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG 2 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG 5 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG 57 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG 4 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG 3 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG
|
Aero-Electric Connector, Inc. AERO ELECTRIC CONNECTOR INC
|
TC-350-CBG-156A-12.80 TC-350-DBG-256A-12.80 TC-350 |
From old datasheet system Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-12 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight PTSE 14C 4#16,8#20 PIN PLUG Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-12 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-12 Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:12; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:14-12 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Circular Connector; No. of Contacts:8; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Right Angle Plug; Insert Arrangement:16-8 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 超薄TCXO的温度补偿晶体振荡器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; No. of Contacts:8; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight 超薄TCXO的温度补偿晶体振荡器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; No. of Contacts:26; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 超薄TCXO的温度补偿晶体振荡器 PT 8C 8#20 SKT PLUG 超薄TCXO的温度补偿晶体振荡器 SISONIC 0-HEIGHT, 3.6V, SMD; Temp, op. min:-40(degree C); Temp, op. max:100(degree C); Pins, No. of:5; Case style:SMD; Termination Type:SMD; Temperature, operating range:-40(degree C) to 100(degree C) RoHS Compliant: Yes 超薄TCXO的温度补偿晶体振荡器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:26; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 超薄TCXO的温度补偿晶体振荡器 Low Profile TCXOs Temperature Compensated Crystal Oscillators 超薄TCXO的温度补偿晶体振荡器
|
http:// ETC[ETC] Vectron International, Inc Electronic Theatre Controls, Inc.
|
CA3106E20-19SYB-A233 CA3106E14S-9SYB-A233 CA3106E1 |
2 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP; SOLDER, PLUG 8 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP; SOLDER, PLUG 23 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP; SOLDER, PLUG 7 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP; SOLDER, PLUG 5 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, RECEPTACLE 3 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP; SOLDER, PLUG
|
ITT Interconnect Solutions ITT CANNON
|
8LTA0F0335PD 8LTA0F0335PE 8LTA0F0335PB 8LTA0F0305P |
3 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, RECEPTACLE ROHS COMPLIANT 5 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, RECEPTACLE ROHS COMPLIANT 5 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, RECEPTACLE
|
Souriau Connection Technology SOURIAU INC
|
VG95328S16-8SY VG95328S16-8SN VG95328S14-15PN |
8 CONTACT(S), ALUMINUM ALLOY, FEMALE, MIL SERIES CONNECTOR, CRIMP, PLUG 15 CONTACT(S), ALUMINUM ALLOY, MALE, MIL SERIES CONNECTOR, CRIMP, PLUG
|
Glenair, Inc. GLENAIR INC
|
|